|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SBD T y p e : FSQ05A06 Approx Net Weight:1.7g **@"d*@*@"A*@* FORWARD CURRENT VS. VOLTAGE FSQ05A06/FSQ05A06B 20 INSTANTANEOUS FORWARD CURRENT (A) 10 *u Z * "d -- 5 2 Tj=25C Tj=150C 1 *i*j 0.5 0 0.2 0.4 0.6 0.8 1.0 1.2 INSTANTANEOUS FORWARD VOLTAGE (V) *u*@Z*@**@"d*@*@*iu*j 0 CONDUCTION ANGLE 180 *1/2*@I*@**@"d*@--I*@`*@Z*@"A*@* AVERAGE FORWARD POWER DISSIPATION FSQ05A06/FSQ05A06B D.C. 5 *1/2 I * "d --I ` Z AVERAGE FORWARD POWER DISSIPATION (W) 4 RECT 180 HALF SINE WAVE RECT 120 3 RECT 60 2 1 *iv*j 0 0 2 4 6 8 AVERAGE FORWARD CURRENT (A) *1/2*@I*@**@"d*@--*@*i*j s*[Nt"d--*@*|*@s*[Nt"d"A* PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE Tj= 150 C 500 FSQ05A06/FSQ05A06B *b N t "d -- PEAK REVERSE CURRENT (mA) s 200 100 *i**j 50 0 10 20 30 40 50 60 70 PEAK REVERSE VOLTAGE (V) s*@*[*@N*@t*@"d*@*@*iu*j *1/2*@I*@t*@"d*@--I*@`*@Z AVERAGE REVERSE POWER DISSIPATION FSQ05A06/FSQ05A06B 14 AVERAGE REVERSE POWER DISSIPATION (W) *1/2 I t "d --I ` Z 12 D.C. 10 RECT 300 8 RECT 240 6 RECT 180 4 HALF SINE WAVE *iv*j 2 0 0 10 20 30 40 50 60 70 REVERSE VOLTAGE (V) t*@"d*@*@*iu*j 0 CONDUCTION ANGLE 180 *1/2*@I*@**@"d*@--*@*|*@P*@*[*@X*@**@"x*@'e*@Si AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE V RM =60 V FSQ05A06/FSQ05A06B D.C. 8 *1/2 I * "d -- AVERAGE FORWARD CURRENT (A) 6 RECT 180. HALF SINE WAVE. RECT 120. 4 RECT 60. *i*j 2 0 0 25 50 75 100 125 150 CASE TEMPERATURE (C) P*@*[*@X*@**@"x*@*i*Z*j T*@*[*@W*@**@"d*@--*@'e*@Si SURGE CURRENT RATINGS f=50Hz,Half Sine Wave,Non-Repetitive,No Load 120 FSQ05A06/FSQ05A06B *b W * "d -- SURGE FORWARD CURRENT (A) T 100 80 60 40 *i*j 20 0.02s I FSM 0 0.02 0.05 0.1 0.2 0.5 1 2 TIME (s) Z*@SO*@*i"*j *U*@**@--e*@--E*@"A*@* JUNCTION CAPACITANCE VS. REVERSE VOLTAGE Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue FSQ05A06/FSQ05A06B 1000 JUNCTION CAPACITANCE (pF) 500 *U * --e --E 200 *i*e*j 100 50 0.5 1 2 5 10 20 50 100 REVERSE VOLTAGE (V) t*@"d*@*@*iu*j |
Price & Availability of FSQ05A06 |